Part Number Hot Search : 
HYUNPRN 474J400 M29LV0 NLX1G57 74HC174 113Z3 TB1212 V271CA40
Product Description
Full Text Search
 

To Download 30SMCJ40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
3.0SMCJ11 - 220A
Stand-off Voltage : 11 to 220V Peak Pulse Power : 3000 W
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMC (DO-214AB)
1.1 0.3
FEATURES :
* 3000W peak pulse power capability with a 10/1000s waveform * Excellent clamping capability * Low inductance * High temperature soldering : 250 C/10 seconds at terminals. * Built-in strain relief * Pb / RoHS Free
3.0 0.2 5.8 0.15 2.3 0.2 0.2 0.07
MECHANICAL DATA
* * * * * Case : SMC Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Mounting position : Any Weight : 0.21 gram
Dimensions in millimeter
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation on 10/1000 s waveform Peak Pulse Current on 10/1000 s waveform superimposed on rated load (2)(3) Operating Junction and Storage Temperature Range
Notes : (1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 C per Fig. 1 (2) Mounted on 5.0 mm2 (0.013 thick) land areas.
(1) (1) (2)
Symbol
PPPM IPPM IFSM TJ, TSTG
7.5 0.15
8.0 0.15
Value
3000 See Next Table 200 - 55 to + 150
Unit
W A A
C
Peak Forward Surge Current, 8.3 ms single half sine-wave
(3) Measured on 8.3 ms , single half sine-wave or equivalent square wave, duty cycle=4 pulses per minutes maximum.
Page 1 of 4
Rev. 05 : June 10, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @
T
(1)
Type
Marking Code VBR (V) Min. Max. 15.4 14.0 16.9 15.3 18.2 16.5 19.8 17.9 21.1 19.2 22.6 20.5 23.9 21.7 25.3 23.3 28.1 25.5 30.9 28.0 33.8 30.7 36.6 33.2 39.4 35.8 42.2 38.3 46.5 42.2 50.7 46.0 56.3 51.1 60.5 54.9 63.3 57.5 67.5 61.3 71.8 65.2 76.0 69.0 81.6 74.1 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Working Peak Reverse Voltage VRWM (V) 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58
Maximum Reverse Leakage @ VWM IR (A) 1000 1000 1000 1000 500 500 200 200 100 100 50 50 20 20 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Clamping Voltage @ IPPM VC (V) 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6
Maximum Peak Pulse Surge Current IPPM (A) 149.2 184.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2 60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 39.2 32.0
3.0SMCJ11 3.0SMCJ11A 3.0SMCJ12 3.0SMCJ12A 3.0SMCJ13 3.0SMCJ13A 3.0SMCJ14 3.0SMCJ14A 3.0SMCJ15 3.0SMCJ15A 3.0SMCJ16 3.0SMCJ16A 3.0SMCJ17 3.0SMCJ17A 3.0SMCJ18 3.0SMCJ18A 3.0SMCJ20 3.0SMCJ20A 3.0SMCJ22 3.0SMCJ22A 3.0SMCJ24 3.0SMCJ24A 3.0SMCJ26 3.0SMCJ26A 3.0SMCJ28 3.0SMCJ28A 3.0SMCJ30 3.0SMCJ30A 3.0SMCJ33 3.0SMCJ33A 3.0SMCJ36 3.0SMCJ36A 3.0SMCJ40 3.0SMCJ40A 3.0SMCJ43 3.0SMCJ43A 3.0SMCJ45 3.0SMCJ45A 3.0SMCJ48 3.0SMCJ48A 3.0SMCJ51 3.0SMCJ51A 3.0SMCJ54 3.0SMCJ54A 3.0SMCJ58 3.0SMCJ58A
3013 3513 3014 3514 3015 3515 3016 3516 3018 3518 3019 3519 3020 3520 3021 3521 3023 3523 3026 3526 3028 3528 3030 3530 3033 3533 3035 3535 3039 3539 3042 3542 3047 3547 3050 3550 3053 3553 3056 3556 3060 3560 3063 3563 3068 3568
12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4
Page 2 of 4
Rev. 05 : June 10, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @
T
(1)
Type
Marking Code VBR (V) Min. Max. 84.5 76.7 90.1 81.8 98.6 89.5 105.7 95.8 109.8 99.7 119.2 108.2 126.5 115.5 141.0 128.0 154.5 140.5 169.0 153.0 182.5 165.5 211.5 192.5 226.0 205.0 239.5 217.5 253.8 230.4 267.9 243.2 282.0 256.0 296.1 268.8 310.2 281.6 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Working Peak Reverse Voltage VRWM (V) 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 190 190 200 200 210 210 220 220
Maximum Reverse Leakage @ VWM IR (A) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Clamping Voltage @ IPPM VC (V) 107 96 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 322 292 340 308 358 324 376 340 394 356
Maximum Peak Pulse Surge Current IPPM (A) 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.6 18.6 15.4 16.8 14.0 15.6 13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0 9.3 10.3 8.8 9.7 8.4 9.3 7.8 8.8 7.6 8.4
3.0SMCJ60 3.0SMCJ60A 3.0SMCJ64 3.0SMCJ64A 3.0SMCJ70 3.0SMCJ70A 3.0SMCJ75 3.0SMCJ75A 3.0SMCJ78 3.0SMCJ78A 3.0SMCJ85 3.0SMCJ85A 3.0SMCJ90 3.0SMCJ90A 3.0SMCJ100 3.0SMCJ100A 3.0SMCJ110 3.0SMCJ110A 3.0SMCJ120 3.0SMCJ120A 3.0SMCJ130 3.0SMCJ130A 3.0SMCJ150 3.0SMCJ150A 3.0SMCJ160 3.0SMCJ160A 3.0SMCJ170 3.0SMCJ170A 3.0SMCJ180 3.0SMCJ180A 3.0SMCJ190 3.0SMCJ190A 3.0SMCJ200 3.0SMCJ200A 3.0SMCJ210 3.0SMCJ210A 3.0SMCJ220 3.0SMCJ220A Note:
3071 3571 3075 3575 3082 3582 3088 3588 3091 3591 3099 3599 30B1 35B1 30B2 35B2 30B3 35B3 30B4 35B4 30B5 35B5 30B8 35B8 30B9 35B9 30D0 35D0 30D1 35D1 30D2 35D2 30D3 35D3 30D4 35D4 30D5 35D5
66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 198 198 209 209 220 220 231 231 242 242
(1) Pulse test : tp 50ms.
Page 3 of 4
Rev. 05 : June 10, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( 3.0SMCJ11 - 220A )
FIG.1 - PULSE DERATING CURVE PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE
120
FIG.2 - TYPICAL JUNCTION CAPACITANCE
10
4
100
CJ, CAPACITANCE, pF
Measured at Zero Bias 10
3
80
60
10
2
40
Measured at Stand-off Voltage Voltage VWM TJ = 25C f = 1.0 MHz Vsig = 50 mVP-P 5 10 100 500
20
0 0 25 50 75 100 125 150 175
10
Ta, AMBIENT TEMPERATURE, ( C)
VRWM, REVERSE STAND-OFF VOLTAGE, (V)
FIG.3 - PULSE WAVEFORM IPPM, PEAK PULSE CURRENT, %
tr = 10s 100 Peak Value IPPM Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM Half Value - IPPM 2 50 10/1000 s. Waveform as defined by R.E.A.
FIG.4 - PEAK PULSE POWER RATING CURVE
100
PPPM,PEAK POWER (kW)
4.0
10
1.0
0 0
td 1.0 2.0 3.0 0.1 0.1 1.0 10 100 1ms 10ms
t, TIME(ms)
td, PULSE WIDTH (s)
Page 4 of 4
Rev. 05 : June 10, 2006


▲Up To Search▲   

 
Price & Availability of 30SMCJ40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X